chongqing pingyang electronics co.,ltd. 5a05g thru 5a10g technical specifications of silicon rectifier voltage 50-1000v current 5.0a features high reliability low leakage low forward voltage drop high current capability mechanical data case : molded plastic epoxy : ul94v-0 rate flame retardant lead : mil-std- 202e, method 208 guaranteed polarity : color band denotes cathode end mounting position : any weight : 1.18 grams maximum ratings and electronical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase, half wave, 60hz,resistive or inductive load. for capacitive load, derate current by 20%. symbol 5a05g 5A1G 5a2g 5a4g 5a6g 5a8g 5a10g units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current .375 (9.5mm) lead length at t l =75 c i o 5.0 a peak forward surge current 8.3ms single half sine-wave superimposed on rate load (jedec method) i fsm 150 a maximum instantaneous forward voltage at 5.0a dc v f 1.0 v @ t a =25 c 5.0 maximum dc reverse current at rated dc blocking voltage @ t a =100 c 500 maximum full load reverse current average, full cycle .375 (9.5mm) lead length at t l =75 c i r 30 a typical junction capacitance (note) c j 40 pf typical thermal resistance r ja 30 c/w notes: measured at 1mhz and applied reverse voltage of 4.0 volts do-27 1.0(25.4) min. 1.0(25.4) min. .375(9.5) .335(8.5) .220(5.6) .187(5.0) dia. .052(1.3) .048(1.2) dia. dimensions in inches and (millimeters) pdf ?? "pdffactory pro" e www.fineprint.cn
|